PART |
Description |
Maker |
3210185 |
PIT 2,5-TG, Disconnect terminal block
|
PHOENIX CONTACT
|
3209510 |
PIT 2,5 - Feed-through modular terminal block
|
PHOENIX CONTACT
|
43650-0330 43650-0417 43650-9915 43650-1116 43650- |
MicroFit 3.0 SR Vert TH/Void Tin 3 Ckt 2 CONTACT(S), FEMALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER HEADER,4 POS,VERTICAL,.118 PIT. SELCT GOLD PLATING,15U MIN 4 CONTACT(S), FEMALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER MicroFit 3.0 SR Vert TH/Void Tin 5Ckt 4 CONTACT(S), FEMALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER Header; No. of Contacts:11; Pitch Spacing:0.118"; No. of Rows:1; Series:Mini-Fit 3.0; Body Material:Liquid Crystal Polymer 11 CONTACT(S), FEMALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER MicroFit 3.0 SR Vert TH Peg 30Au 9Ckt 9 CONTACT(S), FEMALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER CONN HEADER 11POS 3MM VERT TIN 11 CONTACT(S), FEMALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER
|
Molex, Inc.
|
0-177537-2 0-177537-5 0-177537-3 0-177537-7 0-1775 |
HEADER 2 WAY HEADER 5 WAY HEADER 3 WAY HEADER 7 WAY HEADER 6 WAY 6未来 HEADER 8 WAY 8 HEADER 9 WAY 9未来 HEADER 4 WAY 4
|
Electronic Devices, Inc. Fluke, Corp.
|
1755736 1755765 1755804 1755749 1755752 1755817 17 |
HEADER PCB VERT 5.08MM 2WAY HEADER PCB VERT 5.08MM 5WAY HEADER PCB VERT 5.08MM 9WAY HEADER PCB VERT 5.08MM 3WAY HEADER PCB VERT 5.08MM 4WAY HEADER PCB VERT 5.08MM 10WAY HEADER PCB VERT 5.08MM 6WAY HEADER PCB VERT 5.08MM 8WAY Header with side panels, plug-in direction vertical to the p.c.b. Header with side panels, plug-in direction vertical to the p.c.b.
|
PHOENIX CONTACT
|
829-22-011-20-002101 |
Interconnect Header Spring-Loaded Header Horizontal Mount Single Row Through Hole
|
Mill-Max Mfg. Corp.
|
829-22-002-20-002101 |
Interconnect Header Spring-Loaded Header Horizontal Mount Single Row Through Hole
|
Mill-Max Mfg. Corp.
|
829-22-004-20-002101 |
Interconnect Header Spring-Loaded Header Horizontal Mount Single Row Through Hole
|
Mill-Max Mfg. Corp.
|
829-22-010-20-002101 |
Interconnect Header Spring-Loaded Header Horizontal Mount Single Row Through Hole
|
Mill-Max Mfg. Corp.
|
829-22-020-20-002101 |
Interconnect Header Spring-Loaded Header Horizontal Mount Single Row Through Hole
|
Mill-Max Mfg. Corp.
|
M5289 M5285 M5293 M5295 M5283 M5304 M5299 M5292 M5 |
Current Limiter Diode 4.3 mA, SILICON, CURRENT REGULATOR DIODE JIGH RELIABILITY CURRENT REGULATOR DIODES JIGH可靠性电流调节二极管 HEADER STRAIGHT 34 WAY HEADER STRAIGHT 60 WAY 5V Adjustable, 10W, CMOS, Step-Up, Switching Regulator Controller HEADER R/A 50 WAY Dual/Triple Ultra-Low-Voltage SOT23 µP Supervisory Circuits HEADER STRAIGHT 50 WAY HIGH RELIABILITY CURRENT REGULATOR DIODES 1.5 mA, SILICON, CURRENT REGULATOR DIODE, DO-35
|
MICROSEMI CORP-SCOTTSDALE Microsemi, Corp. MICROSEMI[Microsemi Corporation]
|
0554012019 |
2.54mm (.100) Pitch QF-50 Flat Ribbon Cable Header, Dual Row, VerticalShrouded Header with Eject Levers, 20 Circuits, Lead-free MOLEX Connector
|
Molex Electronics Ltd.
|